PART |
Description |
Maker |
LT3021 LT3021-1.2 LT3021-1.8 LT3021EDH-1.5 LT3021E |
500mA, Low Voltage, Very Low Dropout Linear Regulator 1.5 V FIXED POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO8 500mA, Low Voltage, Very Low Dropout Linear Regulator 0.2 V-9.5 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO16
|
Linear Technology, Corp. http:// Linear Technology Corporation LINER[Linear Technology]
|
RT9161 RT916115GG RT916115GV RT916115GX RT916115GZ |
300/500mA Low Dropout Linear Voltage Regulator
|
Richtek Technology Corp... Richtek Technology Corporation
|
MIC47050 MIC47050-1.2YML MIC47050YML |
500mA ULDO with Low Input and Low Output Voltage
|
Micrel Semiconductor
|
LT3021EDHTRPBF LT3021EDH-1.2PBF LT3021ES8TRPBF LT3 |
500mA, Low Voltage, Very Low Dropout Linear Regulator; Package: DFN; No of Pins: 16; Temperature Range: -40°C to 125°C 0.2 V-9.5 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO16 500mA, Low Voltage, Very Low Dropout Linear Regulator; Package: DFN; No of Pins: 16; Temperature Range: -40°C to 125°C 1.2 V FIXED POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO16 500mA, Low Voltage, Very Low Dropout Linear Regulator; Package: SO; No of Pins: 8; Temperature Range: -40°C to 125°C 0.2 V-9.5 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO8 500mA, Low Voltage, Very Low Dropout Linear Regulator; Package: SO; No of Pins: 8; Temperature Range: -40°C to 125°C 1.8 V FIXED POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO8 500mA, Low Voltage, Very Low Dropout Linear Regulator; Package: SO; No of Pins: 8; Temperature Range: -40°C to 125°C 1.5 V FIXED POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO8 500mA, Low Voltage, Very Low Dropout Linear Regulator; Package: DFN; No of Pins: 16; Temperature Range: -40°C to 125°C 1.5 V FIXED POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO16 500mA, Low Voltage, Very Low Dropout Linear Regulator; Package: DFN; No of Pins: 16; Temperature Range: -40°C to 125°C 1.8 V FIXED POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO16 500mA, Low Voltage, Very Low Dropout Linear Regulator; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP Linear Dimensions Semiconductor Linear Dimensions Semicondu... Linear Dimensions Semic...
|
NCV8715MX25TBG |
50 mA Ultra-Low Iq, Wide Input Voltage, Low Dropout Linear Voltage Regulator
|
ON Semiconductor
|
ICL8018A-C ICL8018A-M HI-DAC80V5 HI-DAC85V4 ICL802 |
Micropower Precision Low Dropout Series Voltage Reference Family; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 转换器IC Converter IC 转换器IC Constant-Current/Constant-Voltage Battery Charger with Preset Voltage and Termination Flag; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 125°C 转换器IC Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 85°C Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 500mA, Low Voltage, Very Low Dropout Linear Regulator; Package: SO; No of Pins: 8; Temperature Range: -40°C to 125°C 100mA, Low Voltage, Very Low Dropout Linear Regulators; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 17µA Max, Dual and Quad, Single Supply, Precision Op Amps; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Constant-Voltage/Constant-Current Battery Charger; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C ConverterIC
|
Analog Devices, Inc. Intersil, Corp. M.S. Kennedy, Corp.
|
LT1763 LT1763CS8 LT1763CS8-1.5 LT1763CS8-1.8 LT176 |
500mA, Low Noise, LDO Micropower Regulators 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO8 500mA, Low Noise, LDO Micropower Regulators 1.8 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO8 500mA/ Low Noise/ LDO Micropower Regulators 500MA, LOW VOLTAGE, VERY LOW DROPOUT LINEAR REGULATOR
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
LT3150CGN LT3150 |
Fast Transient Response, Low Input Voltage, Very Low Dropout Linear Regulator Controller
|
LINER[Linear Technology]
|
AIC1735-20ETB AIC1735-20ETR AIC1735-25ETB AIC1735- |
500mA Low Dropout Linear Regulator
|
Analog Integrations Corporation AIC[Analog Intergrations Corporation]
|
LTC3026EMSEPBF LTC3026EMSETR |
1.5A Low Input Voltage VLDO Linear Regulator
|
http:// Linear Technology
|
MP2000_06 EV2000DJ-00A MP2000 MP2000DJ-1.0 MP2000D |
Low Input Voltage 150mA Linear Regulator
|
MPS[Monolithic Power Systems] Monolithic Power System...
|